PART |
Description |
Maker |
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
XUAN1313-KM407N3-36204 XUAN1313-KT507N3-36204 XUAN |
36V/4W series XUAN 1313 36V/4W series
|
Everlight Electronics Co., Ltd Everlight Electronics Co., ... Everlight Electronics C...
|
IRU3007 IRU3007CW IRLR024 MBRB1035 HIP6019 IRL3103 |
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK / NON-SYNCHRONOUS /ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK/ NON-SYNCHRONOUS/ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5 Bit Prog SynchBuck CIC Non Synch Adj LDO 200mA in a 28-Pin SOIC(WB) package
|
IRF[International Rectifier]
|
LTC3544 LTC3544EUD LTC3544EUD-PBF LTC3544EUD-TR LT |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.8 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
SB02W03S |
30V/ 200mA Rectifier 30V, 200mA Rectifier Silicon Diode
|
SANYO[Sanyo Semicon Device] N/A
|
LT3481IMSE LT3481IMSE-PBF LT3481IMSE-TR LT3481IMSE |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50楼矛A Quiescent Current 36V, 2A, 2.8MHz Step-Down Switching Regulator with 50渭A Quiescent Current 36V, 2A, 2.8MHz Step-Down Switching Regulator with 50μA Quiescent Current
|
Linear Technology
|
2SA1541D 2SA1541C 2SA1541E 2SC3956F |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 200MA I(C) | TO-126 TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 200MA I(C) | TO-126 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 200mA的一(c)|26
|
STMicroelectronics N.V.
|
LTM8031 LTM8031EVPBF LTM8031IVPBF |
Ultralow Noise EMC 36V, 1A DC/DC 渭Module Regulator Ultralow Noise EMC 36V, 1A DC/DC μModule Regulator
|
Linear Technology
|
IP3M12 IP1M10 IP1M12 IP2M10 IP2M12 IP3M10 IP1M10J- |
200mA Dual H Bridge 2 CHANNEL, HALF BRIDGE BASED PRPHL DRVR, CDIP8 200mA Dual H Bridge 2 CHANNEL, HALF BRIDGE BASED PRPHL DRVR, CDIP16 200mA DUAL H-BRIDGE
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LTCYM LT3680 LT3680IMSE-TRPBF LT3680IMSE-PBF LT368 |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75楼矛A Quiescent Current 36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology
|
CLC2058 CLC2058ISO8X |
Dual 4V to 36V Amplifier
|
Cadeka Microcircuits LLC.
|
|